Part Number Hot Search : 
55X003 109306 D20N03 10E201K DC702 D4168C MBR340 NC7SV38
Product Description
Full Text Search
 

To Download KI4390DY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
N-Channel Qg, Fast Switching WFETTM KI4390DY
IC IC
Features
Extremely Low Qgd WFET Technology for Switching Losses TrenchFETTM Power MOSFET
Absolute Maximum Ratings Ta = 25
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150 ) TA = 25 TA = 70 Pulsed Drain Current Continuous Source Current ( Diode Conduction)* Maximum Power Dissipation * TA = 25 TA = 70 Operating Junction and Storage Temperature Range *Surface Mounted on 1" X 1" FR4 Board. TJ, Tstg IDM IS PD 2.7 3 1.9 -55 to 150 Symbol VDS VGS ID 12.5 10 20 1.3 1.4 0.9 W 10 secs 30 20 8.5 6.8 A Steady State Unit V
www.kexin.com.cn
1
SMD Type
KI4390DY
Thermal Resistance Ratings
Parameter Maximum Junction-to-Ambient * Maximum Junction-to-Foot (Drain) * Surface Mounted on 1" X 1" FR4 Board. t 10 sec Symbol RthJA RthJF Typical 32 68 15 Maximum 42 90 20 /W Unit
IC IC
Steady-State Steady-State
Electrical Characteristics Ta = 25
Parameter Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Current* Drain Source On State Resistance* Forward Transconductanceb Schottky Diode Forward Voltage* Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time * Pulse test :Pulse width Symbol VGS(th) IGSS IDSS ID(on) rDS(on) gfs VSD Qg Qgs Qgd Rg td(on) tr td(off) tf trr IF = 2.7 A, di/dt = 100 A/ s VDD=15V,RL=15 ,ID=1A,VGEN=10V,RG=6 VDS = 15 V, VGS = 4.5 V, ID = 12.5 A Testconditons VDS = VGS, ID = 250 VDS = 0 V, VGS = A Min 0.8 Typ Max 2.8 100 1 A VDS = 24 V, VGS = 0 V, TJ = 55 VDS 5 V, VGS = 10 V 30 0.0075 0.0095 0.0105 0.0135 38 0.7 10 3.5 2.1 0.8 16 6 43 14 35 30 12 70 25 60 ns ns 15 nC S V 5 A Unit V nA
20 V
VDS = 24 V, VGS = 0 V
VGS = 10 V, ID = 12.5 A VGS = 4.5 V, ID = 10.5 A VDS = 15 V, ID = 12.5 A IS = 2.7 A, VGS = 0 V
300 s,duty cycle 2%
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of KI4390DY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X